Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG TLE4990 Datasheet HTML 20Page - Infineon Technologies AG TLE4990 Datasheet HTML 21Page - Infineon Technologies AG TLE4990 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Error Detection
Data Sheet
18
V 2.4, 2005-11
7
Error Detection
Broken supply lines can be detected by the OBD (On Board Diagnostics) and reported
to the µController.
Note: The OBD is only useful when the clamping function is enabled.
In the case of interrupted supply lines, the µController may warn the user.
If two sensors are placed in parallel, the output of the remaining working sensor may be
still used for an emergency operation.
Table 12
Open Circuit (OBD parameters)
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Output voltage
@ Open
VDD line
VOUT
0
6
%
VDD 1)
1)
With
RL ≥ 7 kΩ
Output voltage
@ Open
VSS line
VOUT
94
100
%
VDD 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com