Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Operating Range
Data Sheet
11
V 2.4, 2005-11
4
Operating Range
The following operating conditions must not be exceeded in order to ensure
correct operation of the TLE4990. All parameters specified in the following
sections refer to these operating conditions, unless otherwise noticed.
Table 3
Operating Condition Parameters1)
1)
Keeping signal levels within the limits specified in this table, ensures operation without overload conditions.
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
Load resistance
RL
4.7
7
-
k
Ω
for OBD parameters 2)
2)
OBD= On Board Diagnostics (see Table 12).
Load capacitance
CL
0
50
nF
3)
3)
A minimum capacitance of 1 nF is recommended in order to improve the EMC behavior.
Ambient temperature 4)
4)
RTHja ≤ 150 K/W
TA
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com