Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG TLE4990 Datasheet HTML 20Page - Infineon Technologies AG TLE4990 Datasheet HTML 21Page - Infineon Technologies AG TLE4990 Datasheet HTML 22Page - Infineon Technologies AG TLE4990 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Calibration and Fusing
Data Sheet
19
V 2.4, 2005-11
8
Calibration and Fusing
Usually the sensor is calibrated ’End Of Line’, when the complete magnetic system is
assembled. This compensates all magnetic and mechanical tolerances.
Note: The -E6782 version is already programmed completely. The contents of the
calibration OTP memory may not be changed furthermore.
During the calibration the internal settings are stored in a RAM. When the right values
are found, the information has to be stored in an one-time-programmable memory
(OTP).
This OTP memory consists of cavity fuses.
After fusing all bits, setting the MEMLOCK bit closes the memory. This prevents from
unwanted memory changes after the calibration
Data Transfer Protocol
A separate programming specification may be requested.
Programming of Sensors with Common Supply Lines
In many automotive applications two sensors are used to measure the same parameter.
This redundancy allows to continue the operation in an emergency mode. If both sensors
use the same power supply lines, they have to be programmed together.
Sensor Interface Tool
For the calibration of the sensor, a special hardware interface to a PC is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com