Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4990 Datasheet HTML 1Page - Infineon Technologies AG TLE4990 Datasheet HTML 2Page - Infineon Technologies AG TLE4990 Datasheet HTML 3Page - Infineon Technologies AG TLE4990 Datasheet HTML 4Page - Infineon Technologies AG TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Type
Package
TLE4990
PG-SSO-4-1
TLE4990-E6782
PG-SSO-4-1
Programmable Linear Output Hall Sensor
TLE4990
PG-SSO-4-1
PG-SSO-4-1
Data Sheet
5
V 2.4, 2005-11
1Overview
1.1
Features
•
Single supply voltage 4.5 - 5.5 V
•
Temperature Range from -40 °C up to 150 °C
•
Very slim 4-pin package with only 1mm thickness
•
Temperature compensation
•
Programmable parameters stored in fuse memory:
– magnetic range and magnetic sensitivity (gain)
– zero field voltage (offset)
– clamping option
–memory lock
– temperature coefficient (calibrated and fused during production)
•
Low drift of output signal over temperature and lifetime
•
Continuous measurement ranges between -200 mT and +200 mT or 0 and 400 mT
•
Output short circuit protection
•
Very linear and ratiometric rail-to-rail output signal with push-pull output
•
Reverse polarity and overvoltage protection for all pins
•
On-board diagnostics (wire breakage detection)
•
Individual programming and operation of multiple sensors with common power
supply
•
Completely calibrated and fused version -E6782
1.2
Target Applications
•
Robust replacement of potentiometers
– No mechanical abrasion
– Resistant to humidity, temperature, pollution, and vibration
•
Linear and angular position sensing in automotive applications like pedal position,
suspension control, valve or throttle position, headlight levelling, and steering angle
•
High current sensing for battery management, motor control, and electronic fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com