Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Electrical and Magnetic Parameters
Data Sheet
13
V 2.4, 2005-11
Magnetic Parameters
Table 5
Magnetic Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
typ
max.
Sensitivity
S
15
-
180
mV/mT programmable for
TLE4990 1) 2)
1)
@ VDD = 5 V
2)
In the lowest programmable sensitivity range a sensitivity less or equal to min(S) is guaranteed.
In the highest programmable sensitivity range a sensitivity of greater or equal to max(S) is guaranteed.
The ratio of max(S) / min(S)
≥ 15.
19.8
20
20.2
mV/mT TLE4990-E6782 1) 3)
3)
@ 25 °C
Magnetic field
range
MFR
± 13.05 -
± 204.5 mT
Bipolar-Bit =1 4)
4)
Not for the -E6782 version.
26.1
-
409
Bipolar-Bit =0 4)
± 115.8 ± 117.5 ± 118.2
TLE4990-E6782
Linearity
Lin
99.9
100
100.1
%
5)
5)
B10% is the magnetic field, at which VOUT = 0.1 x VDD.
B90% is the magnetic field, at which VOUT = 0.9 x VDD.
VOUT,id = [0.1 + 0.8 x (B - B10%) / (B90% - B10%)] x VDD.
Lin = (
VOUT / VOUT,id - 1) · 100% for all VOUT between 10% VDD and 90% VDD.
Temperature
coefficient of
sensitivity
α
200
350
500
ppm/
°C
6)
6)
The temperature coefficient of the magnetic sensitivity is the slope of a linear least-square fit through
the real curve.
Sensitivity drift
over lifetime
∆SL
-0.9
-
0.9
%
Ta = 25 °C
Zero field drift
over
temperature
∆B0
-500
-
150
µT
valid for
S > 80 mV/mT 7)
7)
For lower sensitivities, the zero voltage drift is dominant (see Table 4).
Resolution
Bn
20
-
60
µTRMS 8)
8)
Equivalent to magnetic input noise at 25 °C. The equivalent magnetic input noise depends on the selected
sensitivity. At highest sensitivity it is typically 25 µTRMS, at lowest sensitivity it is typically 50 µTRMS at 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com