Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 3Page - Infineon Technologies AG TLE4990 Datasheet HTML 4Page - Infineon Technologies AG TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Functional Description
Data Sheet
7
V 2.4, 2005-11
General
The linear Hall IC TLE4990 has been designed specifically to meet the demands of
highly accurate rotation and position detection, as well as for current measurement
applications.
The sensor provides a ratiometric analog output voltage which is ideally suited for A/D
conversion with the supply voltage as a reference.
The IC is produced in BiCMOS technology with high voltage capability and also providing
reverse polarity protection.
Zero-field Output Voltage (
Vzero)
The output voltage with no magnetic field present is called the zero field voltage
Vzero.
It is programmable within the range of 3% to 19% of
VDD (for Bipolar bit = 0) and 40% to
60% of
VDD (for Bipolar bit = 1) by 10 ODAC bits with a resolution of 1.0 mV to 1.2 mV.
Magnetic Sensitivity (S)
The magnetic sensitivity is set in two steps: First the “coarse gain” is selected out of 8
values (3 PRE bits). Then the “fine gain” is adjusted by another 10 GDAC bits.
The resulting range of sensitivity extends from 15 mV/mT to 180 mV/mT at the nominal
supply voltage of 5 V. Note that as the sensitivity is ratiometric, it will also depend linearly
on the supply voltage.
The sensitivity of the -E6782 version is programmed during production.
It is calibrated to a value of 20 mV/mT at the nominal supply voltage of 5 V.
Temperature Gain Compensation
The temperature compensation of the sensitivity is programmed during production.
The value of +350 ppm/°C to provides an excellent accuracy for the use of a SmCo
permanent magnet. Stability is achieved by the dynamic offset cancellation technique to
eliminate any spurious mechanical or temperature effects.
Clamping Option
It is possible to reduce the output voltage swing from its original 3%... 97%
VDD to a
limited swing of 10% ... 90%
VDD by setting the clamping bit. This allows to detect a
broken wire. In this case the output voltage is tied to
≤ 6% or ≥ 94% of VDD.
Note: The -E6782 version has this feature disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com