Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 2Page - Infineon Technologies AG TLE4990 Datasheet HTML 3Page - Infineon Technologies AG TLE4990 Datasheet HTML 4Page - Infineon Technologies AG TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Functional Description
Data Sheet
6
V 2.4, 2005-11
2
Functional Description
Pin Configuration
Figure 1 shows the location of the hall element in the chip.
Figure 1
Pin Configuration and Hall Cell Location
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
TST
Test pin, must be grounded
2
OUT
Output voltage / programming interface
3
GND
Ground
4
VDD
Supply voltage / programming interface
Hall
Probe
TST OUT GND V
DD
0.3
±0.08 mm
Center of
Hall Probe
Branded
Side
2.67
± 0.1 mm
1.85
± 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com