Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Electrical and Magnetic Parameters
Data Sheet
12
V 2.4, 2005-11
5
Electrical and Magnetic Parameters
Electrical Parameters
Table 4
Electrical characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.
max.
Output voltage
range
VOUT
3
-
97
%
of VDD
RLOAD ≥ 4.7 kΩ
Supply current
IDD
3.5
-
5.5
mA
IOUT = 0 mA 1)
1)
Valid for
VOUT in the range from 10% to 90% VDD.
Output current
IOUT
-1.2
-
1.2
mA
Output Resistance
ROUT
-
3
11.2
Ω
1)
Zero field voltage
VZERO
3
42
-
-
18
59
%
VDD Bipolar-Bit = 0 2) 3)
Bipolar-Bit = 1 2) 3)
2)
Not for the -E6782 version.
49.95 50
50.05
only version -E6782
3)
3)
@ 25 °C
Zero field voltage
drift
∆VZERO -10
-
10
mV
over lifetime
-30
-
0
-40°C ≤
T < 25°C
-30
-
0
25°C ≤
T ≤ 150°C
-40
-
0
-40°C ≤
T ≤ 150°C 4)
4)
For Sensitivity S < 80 mV/mT, for higher sensitivities the zero field drift is dominant (see Table 5).
Ratiometry
Rat
99.8
100
100.2
%
5)
5)
Definition: Rat = (
VOUT(VDD) / VDD) / (VOUT (VDD = 5 V) / 5 V) x 100%
for
Vout in the range from 10% VDD to 90% VDD.
Power on time
tPon
0.3
0.6
0.75
ms
6)
6)
The output voltage has reached 99% of its final value within
tPon after power on.
Max. phase shift
error
φERR
2
4
8
degree @ 100 Hz sine input
Output noise
Vnoise
-
1.2
-
mVRMS 7)
7)
No external filtering, with a sensitivity of 30 mV/mT (digital switching noise included) @ 25 °C.
Maximum
operating
frequency
fop
1.1
1.6
2.3
kHz
-3 dB corner
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com