Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 7 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 7 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 3Page - Intel Corporation MFSYS35 Datasheet HTML 4Page - Intel Corporation MFSYS35 Datasheet HTML 5Page - Intel Corporation MFSYS35 Datasheet HTML 6Page - Intel Corporation MFSYS35 Datasheet HTML 7Page - Intel Corporation MFSYS35 Datasheet HTML 8Page - Intel Corporation MFSYS35 Datasheet HTML 9Page - Intel Corporation MFSYS35 Datasheet HTML 10Page - Intel Corporation MFSYS35 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
Product Overview
1. Product Overview
This product specification details the features of the Intel
® Modular Server System
MFSYS25/MFSYS35. This product is designed to serve the small to medium business
environment. Primary design considerations include ease of use, reliability, low cost, modularity,
and remote management.
The Intel
® Modular Server System MFSYS25/MFSYS35 supports up to six dual-processor
compute modules, or a total of 12 Multi-Core Intel
® Xeon® 5000 sequence processors. The
chassis also incorporates features that clearly distinguish it as an easy-to-use and highly
available server platform. Building on previous server platforms, the Intel
® Modular Server
System MFSYS25/MFSYS35 includes redundant storage and networking, in addition to the
enterprise features of hot-swap power, cooling, and hard disk drives. Advanced server
management features remotely monitor and manage the server.
This document is organized into four sections:
Section 1: Product Overview
This section provides an overview of the product.
Section 2: System Overview
This section provides an overview of the system hardware.
Section 3: System Details
This section provides details of the various hardware components specific to the server
platform.
Section 4: Product Regulatory Requirements
This section describes system compliance to regulatory specifications.
Revision 1.3
Intel order number E15155-005
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com