Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 39 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 39 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 35Page - Intel Corporation MFSYS35 Datasheet HTML 36Page - Intel Corporation MFSYS35 Datasheet HTML 37Page - Intel Corporation MFSYS35 Datasheet HTML 38Page - Intel Corporation MFSYS35 Datasheet HTML 39Page - Intel Corporation MFSYS35 Datasheet HTML 40Page - Intel Corporation MFSYS35 Datasheet HTML 41Page - Intel Corporation MFSYS35 Datasheet HTML 42Page - Intel Corporation MFSYS35 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
Product Regulatory Requirements
Revision 1.3
Intel order number E15155-005
33
4.1.3
Product Ecology Compliance
Intel has a system in place to restrict the use of banned substances in accordance with world
wide regulatory requirements. A Material Declaration Data Sheet is available for Intel products.
For more reference on material restrictions and compliance you can view Intel's Environmental
Product Content Specification at http://supplier.intel.com/ehs/environmental.htm.
Europe - European Directive 2002/95/EC
Restriction of Hazardous Substances (RoHS)
Threshold limits and banned substances are noted below.
Quantity limit of 0.1% by mass (1000 PPM) for:
Lead, Mercury, Hexavalent Chromium, Polybrominated Biphenyls Diphenyl Ethers
(PBB/PBDE)
Quantity limit of 0.01% by mass (100 PPM) for:
Cadmium
California Code of Regulations, Title 22, Division 4.5, Chapter 33:
Best Management Practices for Perchlorate Materials
China - Restriction of Hazardous Substances (China RoHS)
WEEE Directive (Europe)
Packaging Directive (Europe)
4.1.4
Certifications / Registrations / Declarations
UL Certification (US/Canada)
CE Declaration of Conformity (CENELEC Europe)
FCC/ICES-003 Class A Attestation (USA/Canada)
VCCI Certification (Japan)
C-Tick Declaration of Conformity (Australia)
MED Declaration of Conformity (New Zealand)
BSMI Certification (Taiwan)
GOST R Certification / License (Russia)
Belarus Certification / License (Belarus)
KCC Certification (Korea)
IRAM Certification (Argentina)
CNCA Certification (China)
Ecology Declaration (International)
China RoHS Environmental Friendly Use Period
Packaging & Product Recycling Marks
4.2 Product Regulatory Compliance Markings
This Intel Server Chassis product is provided with the following regulatory and safety markings.
In the event there is no room for a marking(s) on the chassis, the information is provided here in
this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com