Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 28 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 28 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 24Page - Intel Corporation MFSYS35 Datasheet HTML 25Page - Intel Corporation MFSYS35 Datasheet HTML 26Page - Intel Corporation MFSYS35 Datasheet HTML 27Page - Intel Corporation MFSYS35 Datasheet HTML 28Page - Intel Corporation MFSYS35 Datasheet HTML 29Page - Intel Corporation MFSYS35 Datasheet HTML 30Page - Intel Corporation MFSYS35 Datasheet HTML 31Page - Intel Corporation MFSYS35 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
System Details
Intel® Modular Server System MFSYS25/MFSYS35 TPS
3.4.2
Drawings
This section contains perspective views of the compute module.
The following figure shows the front view of the module.
Figure 15. Front View of Compute Module
3.5 Chassis Management Module
This section describes the chassis management module (CMM) in the Intel
® Modular Server
System MFSYS25/MFSYS35.
3.5.1
Introduction
The server platform’s chassis management module provides chassis-wide system
management. It interfaces with all system components either via the I
2C bus or via the Intel®
Ethernet Switch Module. (The CMM connects via ethernet directly to the storage controller
module(s) and the Intel
® Ethernet Switch Module(s), and indirectly to the compute modules.
There are no ethernet connections to the power supply modules, cooling modules, or LED
boards.) The main components of the CMM are the IXP-425 microcontroller, which runs the
Linux OS in addition to the built-in server control GUI, and the FPGA, which provides I²C bus
expansion among other functionality.
22
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com