Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 8 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 8 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 4Page - Intel Corporation MFSYS35 Datasheet HTML 5Page - Intel Corporation MFSYS35 Datasheet HTML 6Page - Intel Corporation MFSYS35 Datasheet HTML 7Page - Intel Corporation MFSYS35 Datasheet HTML 8Page - Intel Corporation MFSYS35 Datasheet HTML 9Page - Intel Corporation MFSYS35 Datasheet HTML 10Page - Intel Corporation MFSYS35 Datasheet HTML 11Page - Intel Corporation MFSYS35 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
System Overview
Intel® Modular Server System MFSYS25/MFSYS35 TPS
2.
System Overview
This section provides an overview of the features of the Intel
® Modular Server System
MFSYS25/MFSYS35
.
2.1
Introduction
The platform supports six compute modules providing sockets for up to 12 Multi-Core Intel
®
Xeon
® processors 5000 sequence, up to 192 GB of memory (using 4-GB DIMMs), up to
fourteen hot-swap 2.5-inch SAS hard disk drives in the Intel
® Modular Server System MFSYS25
or up to six hot-swap 3.5-inch SAS/SATA hard disk drives in the Intel
® Modular Server System
MFSYS35, an integrated server management module, redundant Ethernet switches and
redundant storage controllers. The server ships configured for rack mounting, but may be
mounted in a pedestal configuration.
The following table lists and briefly describes the features of the Intel
® Modular Server System
MFSYS25/MFSYS35
.
Table 1. Server Platform Feature List
Feature
Description
Compact, high-density
system
Rack-mount server with a height of 6U (10.5 inches) and a depth of 28 inches (706 mm)
Configuration flexibility
Shared storage hard drive bay supporting up to fourteen (14) 2.5-inch SAS hard drives in
the Intel
® Modular Server System MFSYS25 and up to six (6) 3.5-inch SAS/SATA hard
drives in the Intel
® Modular Server System MFSYS35.
Up to six (6) compute modules
Optional secondary Ethernet switch module
Optional secondary storage controller
Serviceability
Tool-less design features
Front access to optional hot-swap hard disk drives
Rear access to I/O slots, cooling, and hot-swap power supplies
Status and fault indicator LEDs
Front viewable compute module ID LEDs
Color-coded parts to identify hot-swap and non-hot-swap serviceable components
Availability
Four 1000-W power supplies in a redundant (3+1) configuration with separate power cords
Up to six compute modules
Redundant networking and storage
Redundant cooling
Manageability
Remote management
Extensive system sensors and monitoring
Remote diagnostics support via serial and LAN ports
Web management console
KVM console redirection
The front of each individual compute module provides video, USB, a power button, and
status LEDs that allow local monitoring and managing of the individual compute module.
2
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com