Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 33 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 33 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 29Page - Intel Corporation MFSYS35 Datasheet HTML 30Page - Intel Corporation MFSYS35 Datasheet HTML 31Page - Intel Corporation MFSYS35 Datasheet HTML 32Page - Intel Corporation MFSYS35 Datasheet HTML 33Page - Intel Corporation MFSYS35 Datasheet HTML 34Page - Intel Corporation MFSYS35 Datasheet HTML 35Page - Intel Corporation MFSYS35 Datasheet HTML 36Page - Intel Corporation MFSYS35 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
3.6.3
Block Diagram
Figure 20. Ethernet Switch Module Block Diagram
3.6.4
Architectural Overview
The ESM provides networking and switch functions to the compute modules. Each compute
module is capable of accessing up to two ESMs via point-to-point links across the midplane.
The ESM has ten (10) 1000BaseT external links to the outside, two (2) internal 10 Gbps XAUI
links (one to the other ESM and one to the storage controller), twelve (12) internal point-to-point
1Gbps serializer/deserializer (SerDes) links (two to each compute module), one point-to-point
internal 10/100 Mbps link to the CMM, and one I²C interface to the CMM (for the CMM to
configure and control the ESM).
Revision 1.3
Intel order number E15155-005
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com