Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 35 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 35 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 31Page - Intel Corporation MFSYS35 Datasheet HTML 32Page - Intel Corporation MFSYS35 Datasheet HTML 33Page - Intel Corporation MFSYS35 Datasheet HTML 34Page - Intel Corporation MFSYS35 Datasheet HTML 35Page - Intel Corporation MFSYS35 Datasheet HTML 36Page - Intel Corporation MFSYS35 Datasheet HTML 37Page - Intel Corporation MFSYS35 Datasheet HTML 38Page - Intel Corporation MFSYS35 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
3.7.3
Storage Controller Module View
Figure 22. Front View of Storage Controller Module
3.7.4
Architectural Overview
3.7.4.1
Storage Controller Module Interface
The Interposer SAS signals from the storage controller module (SCM) originate from the LSI*
1068 and PM8399* devices.
A hardware reset line for each expander originates from each SCM. One SAS expander on the
Interposer is managed by one SCM; the second expander is managed by the second SCM (if
installed).
An I²C bus connects the SCM(s) to the Interposer VPD SEEPROM and each expander. The
SCM(s) can retrieve hardware monitor and drive backplane IDROM information from the
expanders, which are connected via I²C to these devices.
Disk drive status is communicated via SES pages to the expanders from the RAID stack in the
SCM, and this status is exported to GPIO LED signals, one for each disk drive. One overall
RAID status LED is also sent via SES and exported to a single LED.
Expander firmware can be downloaded from the SCM.
3.7.4.2
Interposer Card Functionality
SAS expander-1 provides connectivity to all disk drive “A” ports; SAS expander-2 provides
connectivity to all disk drive “B” ports. “A” port SAS traffic originates only from SCM-1, and “B”
port SAS traffic originates only from SCM-2. The SAS connection from SCM-1 to expander-2
(and SCM-2 to expander-1) is intended for high-speed controller to controller traffic only (write
cache mirroring).
Revision 1.3
Intel order number E15155-005
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com