Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 36 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 36 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 32Page - Intel Corporation MFSYS35 Datasheet HTML 33Page - Intel Corporation MFSYS35 Datasheet HTML 34Page - Intel Corporation MFSYS35 Datasheet HTML 35Page - Intel Corporation MFSYS35 Datasheet HTML 36Page - Intel Corporation MFSYS35 Datasheet HTML 37Page - Intel Corporation MFSYS35 Datasheet HTML 38Page - Intel Corporation MFSYS35 Datasheet HTML 39Page - Intel Corporation MFSYS35 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
System Details
Intel® Modular Server System MFSYS25/MFSYS35 TPS
12 V bulk power is provided by the midplane. The Interposer has a power converter function for
internal needs, and also supplies the disk drive power (12 V boost may be required).
The VPD SEEPROM contains a WW (World Wide) unique address which the SCM uses to
derive a SAS WWN (World Wide Name). It also contains manufacturing data, such as serial and
version numbers for the Interposer.
Hardware monitoring on the Interposer includes a temperature sensor. The data is passed
back to the SCM via expander SES pages.
Disk drive status LEDs are driven by expander GPIO signals, and collaboration logic must be
present on the Interposer since either SCM (and either expander) can drive the status LEDs.
3.7.4.3
Drive Backplane Interface
The Interposer converts bulk 12 V from the midplane to provide +5 V and +12 V for disk drive
power. Sufficient current is supplied for sequenced spin-up of drives in groups of 4-4-2-2-2 (for
2.5-inch configurations). Supported drive types include 15K RPM SAS drives.
Signals are provided for single-color status LEDs for each disk drive.
An expander sourced I²C bus is connected to the drive backplane IDROM.
Expanders send appropriate command/signal to an optional SATA active/active MUX dongle
card on disk drive carriers to control 5 V and 12 V power.
3.8 Power Supply Module
The power supply module in Intel
® Modular Server System MFSYS25/MFSYS35 is a 1000-W
DC output supply with 110-240V AC input. Each power supply includes two fans that provide
cooling for optional hot-swap disk drives.
The power subsystem is configured as follows:
With four power supply modules installed, a fully configured system has (3+1) power
redundancy.
With three power supply modules installed, a fully configured system would not have
redundant power.
Three power supply modules are capable of handling the maximum power requirements for fully
configured platforms, which includes six compute modules, 192 GB of memory, two storage
controllers, two Ethernet switch modules, one chassis management module, and fourteen hot-
swap 2.5-inch hard disk drives or six hot-swap 3.5-inch hard disk drives.
When four power supply modules are installed, the user can replace a failed power supply
module without affecting system functionality. Power supplies have two LEDs to identify failure,
power good and AC OK.
The power subsystem receives AC power through four power cords.
30
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com