Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS35 Datasheet(PDF) 31 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 31 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 27Page - Intel Corporation MFSYS35 Datasheet HTML 28Page - Intel Corporation MFSYS35 Datasheet HTML 29Page - Intel Corporation MFSYS35 Datasheet HTML 30Page - Intel Corporation MFSYS35 Datasheet HTML 31Page - Intel Corporation MFSYS35 Datasheet HTML 32Page - Intel Corporation MFSYS35 Datasheet HTML 33Page - Intel Corporation MFSYS35 Datasheet HTML 34Page - Intel Corporation MFSYS35 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
Figure 18. Front View of Chassis Management Module
3.5.5
Architectural Overview
The chassis management module provides configuration and management capabilities for the
entire Intel
® Modular Server System MFSYS25/MFSYS35. The CMM runs the Web browser-
accessible Server Control. The 10/100 Ethernet port on the front panel of the CMM provides the
main interface to the Intel
® Modular Server System MFSYS25/MFSYS35.
The CMM runs the Linux operating system in addition to the built-in server control GUI
application. Through the GUI, the customer can configure and manage any system component.
Refer to the Intel
® Modular Server System MFSYS25/MFSYS35 User Guide for more details on
how to manage the system.
The CMM monitors platform management events and logs their occurrence. This includes
events such as over-temperature and over-voltage conditions, fan failures, etc. The CMM also
provides the interface to this monitored information so that system management software can
poll and retrieve the present status of the platform.
The following is a list of the major functions of the CMM:
System power control
Storage controllers
Ethernet switch modules
Compute modules
System initialization
System fan management
System Event Log (SEL) interface
FRU inventory
Event message generation and reception
Serial over LAN (SOL)
Sensor monitoring
Revision 1.3
Intel order number E15155-005
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com