Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
908E624
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
908E624 ANALOG DIE MODES OF OPERATION
The 908E624 offers three operating modes: Normal (Run),
Stop, and Sleep. In Normal mode the device is active and is
operating under normal application conditions. The Stop and
Sleep modes are low-power modes with wake-up
capabilities.
In Stop mode the voltage regulator still supplies the MCU
with VDD (limited current capability) and in Sleep mode the
voltage regulator is turned off (VDD = 0 V).
Wake-up from Stop mode is initiated by a wake-up
interrupt. Wakeup from Sleep mode is done by a reset and
the voltage regulator is turned back on.
The selection of the different modes is controlled by the
MODE1:2 bits in the SPI Control register.
Figure 11 describes how transitions are done between the
different operating modes and Table 6, page 22, gives an
overview of the operating mode.
Figure 11. Operating Modes and Transitions
Reset
Power
Down
Notes:
WD - means Watchdog
WD disabled - means Watchdog disabled (WDCONF terminal connected to GND)
WD trigger – means Watchdog is triggered by SPI command
WD failed – means no Watchdog trigger or trigger occurs in closed window
STOP Command - means STOP command sent via SPI
SLEEP Command - means SLEEP command send via SPI
Wake-Up - means L1 or L2 state change or LIN bus wake up or SS rising edge
Normal
Request
VDD High and Reset Delay (tRST) expired
Normal
Normal Request timeout expired (NRTOUT)
Sleep
Wake-Up (Reset)
Stop
VDD Low
VDD Low (>NRTOUT) expired
and VSUV = 0
SLEEP Command
VDD Low
VDD Low
WD failed
Normal Request Timeout Expired (tNRTOUT)
VDD High and
Reset Delay (tRST) Expired
VDD Low
VDD Low
WD Failed
VDD LOW (>tNRTOUT) Expired
and LVF = 0
Sleep Command
Wake-Up (Reset)
Power Up
Legend
WD: Watchdog
WD Disabled: Watchdog disabled (WDCONF terminal connected to GND)
WD Trigger: Watchdog is triggered by SPI command
WD Failed: No watchdog trigger or trigger occurs in closed window
Stop Command: Stop command sent via SPI
Sleep Command: Sleep command sent via SPI
Wake-Up: L1 or L2 state change or LIN bus wake-up or SS rising edge
VDD Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com