Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 7. LIN Timing Measurements for Slow Slew Rate
Figure 8. Wake-Up Sleep Mode Timing
Figure 9. Wake-Up Stop Mode Timing
tDOM-MIN
tDOM-MAX
tRL
TXD
LIN
RXD
tRH
tREC-MIN
tREC-MAX
61.6% VSUP
40% Vsup
25.1% VSUP
38.9% VSUP
60% VSUP
77.8% VSUP
VLIN_REC
VDD
LIN
TpropWL
Twake
Dominant level
0.4VSUP
VLIN_REC
0.4 VSUP
Dominant Level
tPROPWL
tWAKE
IRQ_A
LIN
TpropWL
Twake
Dominant level
0.4VSUP
tPROPWL
tWAKE
Dominant Level
0.4 VSUP
VLIN_REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com