Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
908E624
TYPICAL APPLICATIONS
PCB Level Programming
If the IC is soldered onto the PCB board it is typically not
possible to separately power the MCU with +5.0 V, the whole
system has to be powered up providing VSUP (see
Figure 19).
Figure 19. Normal Monitor Mode Circuit
Table 14 summarizes the possible configurations and the
necessary setups.
MM908E624
RST_A
RST
IRQ_A
IRQ
VREFL
VDDA
EVDD
VDD
EVSS
AGND
VSUP[1:2]
GND
4.7µF
100nF
PTC4/OSC1
PTB3/AD3
PTB4/AD4
PTA0/KBD0
PTA1/KBD1
WDCONF
MAX232
10k
RS232
DB-9
1
3
C1+
C1-
4
5
C2+
C2-
7
8
2
3
5
VCC
GND
16
15
2
V+
V-
6
1µF
+
1µF
+
+
1µF
1µF
+
+
1µF
2
1
3
65
4
74HC125
74HC125
9.8304MHz CLOCK
VDD
VDD
DATA
CLK
VDD
10k
10k
10k
VDD
VTST
VSUP
47µF
+
100nF
10
9
T2OUT
R2IN
T2IN
R2OUT
2.2k
VREFH
VSSA
Table 14. Monitor Mode Signal Requirements and Options
Mode
IRQ RST WDCONF
Reset
Vector
Serial
Communication
Mode
Selection
ICG
COP
Normal
Request
Timeout
Communication Speed
PTA0
PTA1
PTB3
PTB4
External
Clock
Bus
Frequenc
y
Baud
Rate
Normal
Monitor
VTST VDD
GND
X
1
0
0
1
OFF
disabled
disabled
9.8304
MHz
2.4576
MHz
9600
Forced
Monitor
VDD
VDD
GND
$FFFF
(blank)
10
X
X
OFF
disabled
disabled
9.8304
MHz
2.4576
MHz
9600
GND
ON
disabled
disabled
—
Nominal
1.6MHz
Nominal
6300
User
VDD
VDD
REXT
not $FFFF
(not blank)
X
X
X
X
ON
enabled
enabled
—
Nominal
1.6MHz
Nominal
6300
Notes
32.
PTA0 must have a pullup resistor to VDD in monitor mode.
33.
External clock is a 4.9152 MHz, 9.8304 MHz or 19.6608 MHz canned oscillator on OCS1.
34.
Communication speed with external clock is depending on external clock value. Baud rate is bus frequency / 256.
35.
X = don’t care.
36.
VTST is a high voltage VDD + 3.5 V ≤ VTST ≤ VDD + 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com