Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
908E624
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
WINDOW WATCHDOG
The window watchdog is configurable using an external
resistor at the WDCONF terminal. The watchdog is cleared
through by the MODE1:2 bits in the SPI Control register (refer
to Table 8, page 29).
A watchdog clear is only allowed in the open window. If the
watchdog is cleared in the closed window or has not been
cleared at the end of the open window, the watchdog will
generate a reset on the RST_A terminal and reset the whole
device.
Note
The watchdog clear in Normal request mode
(150 ms) (first watchdog clear) has no window.
Figure 16. Window Watchdog Operation
Watchdog Configuration
If the WDCONF terminal is left open, the default watchdog
period is selected (typ. 150 ms). If no watchdog function is
required, the WDCONF terminal must be connected to GND.
The watchdog period is calculated using the following
formula:
tPWD [ms] = 0.991 * REXT [kΩ] + 0.648
VOLTAGE REGULATOR
The 908E624 chip contains a low-power, low dropout
voltage regulator to provide internal power and external
power for the MCU. The on-chip regulator consist of two
elements, the main voltage regulator and the low-voltage
reset circuit.
The VDD regulator accepts an unregulated input supply
and provides a regulated VDD supply to all digital sections of
the device. The output of the regulator is also connected to
the VDD terminal to provide the 5.0 V to the microcontroller.
Current Limit (Over-current) Protection
The voltage regulator has current limit to protect the device
against over-current and short circuit conditions.
Over-temperature Protection
The voltage regulator also features an over-temperature
protection having an over-temperature warning (Interrupt -
VDDT) and an over-temperature shutdown.
Stop Mode
During Stop mode, the Stop mode regulator supplies a
regulated output voltage. The Stop mode regulator has a
limited output current capability.
Sleep Mode
In Sleep mode the voltage regulator external VDD is turned
off.
FACTORY TRIMMING AND CALIBRATION
To enhance the ease-of-use of the 908E624, various
parameters (e.g., ICG trim value) are stored in the flash
memory of the device. The following flash memory locations
are reserved for this purpose and might have a value different
from the “empty” (0xFF) state:
• 0xFD80:0xFDDF Trim and Calibration Values
• 0xFFFE:0xFFFF Reset Vector
In the event the application uses these parameters, one
has to take care not to erase or override these values. If these
parameters are not used, these flash locations can be erased
and otherwise used.
Trim Values
The usage of the trim values, located in the flash memory,
is explained in the following.
Internal Clock Generator (ICG) Trim Value
The internal clock generator (ICG) module is used to
create a stable clock source for the microcontroller without
using any external components. The untrimmed frequency of
the low-frequency base clock (IBASE), will vary as much as
±25 percent due to process, temperature, and voltage
dependencies. To compensate for these dependencies, an
ICG trim value is located at address $FDC2. After trimming
the ICG, a range of typ. ±2% (±3% max.) at nominal
conditions (filtered (100nF) and stabilized (4,7uF) VDD = 5V,
TAmbient~23°C) and will vary over-temperature and voltage
(VDD) as indicated in the 68HC908EY16 data sheet.
To trim the ICG, these values have to be copied to the ICG
Trim Register ICGTR at address $38 of the MCU.
Important
The value has to be copied after every reset.
OPERATING MODES OF THE MCU
For a detailed description of the operating modes of
the MCU, refer to the MC68HC908EY16 data sheet.
Window closed
no watchdog clear allowed
Window open
for watchdog clear
WD timing x 50%
WD timing x 50%
WD period (PWD)
WD timing selected by resistor on WDCONF terminal.
(tPWD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com