Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
908E624
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
Figure 22. Surface Mount for SOIC Wide Body
non-Exposed Pad
Device on Thermal Test Board
RθJAmn is the thermal resistance between die junction and
ambient air.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
PTA0/KBD0
PTA1/KBD1
PTA2/KBD2
PTA3/KBD3
PTA4/KBD4
VREFH
VDDA
EVDD
EVSS
VSSA
VREFL
PTE1/RXD
NC
RXD
WDCONF
+E
-E
OUT
VCC
AGND
VDD
NC
VSUP1
GND
LIN
VSUP2
FLSVPP
PTB7/AD7/TBCH1
PTB6/AD6/TBCH0
PTC4/OSC1
PTC3/OSC2
PTC2/MCLK
PTB5/AD5
PTB4/AD4
PTB3/AD3
IRQ
RST
PTB1/AD1
PTD0/TACH0
PTD1/TACH1
NC
NC
NC
PWMIN
RST_A
IRQ_A
NC
NC
NC
L1
L2
HS3
HS2
HS1
1
11
12
13
14
15
16
17
18
19
20
9
10
21
22
23
24
25
26
27
6
7
8
4
5
2
3
54
44
43
42
41
40
39
38
37
36
35
46
45
34
33
32
31
30
29
28
49
48
47
51
50
53
52
908E624 Terminal Connections
54-Terminal SOICW
0.65 mm Pitch
17.9 mm x 7.5 mm Body
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions: Natural convection, still air
Table 17. Thermal Resistance Performance
Terminal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
058
48
53
300
56
46
51
600
54
45
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com