Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
908E624
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
All characteristics are for the analog chip only. Refer to the 68HC908EY16 data sheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE RANGE
Nominal Operating Voltage
VSUP
5.5
—
18
V
Functional Operating Voltage (6)
VSUPOP
——
27
V
SUPPLY CURRENT RANGE
Normal Mode (7)
VSUP = 13.5 V, Analog Chip in Normal Mode, MCU Operating Using
Internal Oscillator at 32 MHz (8.0 MHz Bus Frequency), SPI, ESCI, ADC
Enabled
Stop Mode (7), (8)
VSUP = 13.5 V, LIN in recessive state
Sleep Mode (7), (8)
VSUP = 13.5 V, LIN in recessive state
IRUN
ISTOP
ISLEEP
—
—
—
20
60
35
—
75
45
mA
μA
μA
DIGITAL INTERFACE RATINGS (ANALOG DIE)
Output Terminal RST_A
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Current (VOUT > 3.5 V)
Pulldown Current Limitation
VOL
IOH
IOL_MAX
—
—
-1.5
—
250
—
0.4
—
-8.0
V
μA
mA
Output Terminal IRQ_A
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 250 μA)
VOL
VOH
—
3.85
—
—
0.4
—
V
Output Terminal RXD
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 250 μA)
Capacitance (9)
VOL
VOH
CIN
—
3.85
—
—
—
4.0
0.4
—
—
V
V
pF
Input Terminal PWMIN
Input Logic Low Voltage
Input Logic High Voltage
Input Current
Capacitance (9)
VIL
VIH
IIN
CIN
—
3.5
-10
—
—
—
—
4.0
1.5
—
10
—
V
V
μA
pF
Terminal TXD, SS–Pullup Current
IPU
—40
—
μA
Notes
6.
Device is fully functional. All functions are operating. Over-temperature may occur.
7.
Total current (IVSUP1 + IVSUP2) measured at GND terminal.
8.
Stop and Sleep mode current will increase if VSUP exceeds 15 V.
9.
This parameter is guaranteed by process monitoring but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com