Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
908E624
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SPI REGISTER OVERVIEW
Table 7 summarizes the SPI Register bit meaning, reset value, and bit reset condition.
.
SPI Control Register (Write)
Table 8 shows the SPI Control register bits by name.
LINSL2:1—LIN Baud Rate and Low-Power Mode
Selection Bits
These bits select the LIN slew rate and requested low-
power mode in accordance with Table 9. Reset clears the
LINSL2:1 bits.
LIN-PU—LIN Pullup Enable Bit
This bit controls the LIN pullup resistor during Sleep and
Stop modes.
• 1 = Pullup disconnected in Sleep and Stop modes.
• 0 = Pullup connected in Sleep and Stop modes.
In case the Pullup is disconnected a small current source
is used to pull the LIN terminal in recessive state. In case of
an erroneous short of the LIN bus to ground this will
significantly reduce the power consumption, e.g. in
combination with STOP/SLEEP mode.
HS3ON:HS1ON—High Side H3:HS1 Enable Bits
These bits enable the HSx. Reset clears the HSxON bit.
• 1 = HSx switched on (refer to Note below).
• 0 = HSx switched off.
Note
If no PWM on HS1 and HS2 is required, the PWMIN
terminal must be connected to the VDD terminal.
MODE2:1—Mode Section Bits
The MODE2:1 bits control the operating modes and the
watchdog in accordance with Table 10.
To safely enter Sleep or Stop mode and to ensure that
these modes are not affected by noise issue during SPI
transmission, the Sleep/Stop commands require two SPI
transmissions.
Table 7. SPI Register Overview
Read/Write
Information
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Write
LINSL2
LINSL1
LIN-PU
HS3ON
HS2ON
HS1ON
MODE2
MODE1
Read
INTSRC (28)
LINWU
or
LINFAIL
HVF
LVF
or
BATFAIL (29)
VDDT
HSST
L2
L1
Write Reset Value
0
0
0
0
0
0
—
—
Write Reset Condition
POR,
RESET
POR,
RESET
POR
POR, RESET
POR,
RESET
POR,
RESET
——
Notes
28.
D7 signals interrupts and wake-up interrupts, D6:D0 indicated the source.
29.
The first SPI read after reset returns the BATFAIL flag state on bit D4.
Table 8. Control Bits Function (Write Operation)
D7
D6
D5
D4
D3
D2
D1
D0
LINSL2 LINSL1 LIN-PU HS3ON HS2ON HS1ON MODE2 MODE1
Table 9. LIN Baud Rate and Low-Power Mode Selection
Bits
LINSL2
LINSL1
Description
0
0
Baud Rate up to 20 kbps (normal)
0
1
Baud Rate up to 10 kbps (slow)
1
0
Fast Program Download
Baud Rate up to 100 kbps
1
1
Low-Power Mode (Sleep or Stop) Request
Table 10. Mode Selection Bits
MODE2
MODE1
Description
0
0
Sleep Mode (30)
0
1
Stop Mode (30)
1
0
Watchdog Clear (31)
1
1
Run (Normal) Mode
Notes
30.
To enter Sleep and Stop mode, a special sequence of SPI
commands is implemented.
31.
The device stays in Run (Normal) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com