Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MM908E624ACEW/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Document Number: MM908E624
Rev. 9.0, 9/2010
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Integrated Triple High Side
Switch with Embedded MCU
and LIN Serial Communication
for Relay Drivers
The 908E624 is an integrated single-package solution that
includes a high-performance HC08 microcontroller with a
SMARTMOSTM analog control IC. The HC08 includes flash memory,
a timer, enhanced serial communications interface (ESCI), an
analog-to-digital converter (ADC), serial peripheral interface (SPI)
(only internal), and an internal clock generator module. The analog
control die provides three high side outputs with diagnostic functions,
voltage regulator, watchdog, current sense operational amplifier, and
local interconnect network (LIN) physical layer.
The single-package solution, together with LIN, provides optimal
application performance adjustments and space-saving PCB design.
It is well suited for the control of automotive high-current motors
applications using relays (e.g., window lifts, fans, and sun roofs).
Features
• High-Performance M68HC908EY16 Core
•16 K Bytes of On-Chip Flash Memory, 512 Bytes of RAM
• Internal Clock Generator Module
• Two 16-Bit, 2-Channel Timers
• 10-Bit Analog-to-Digital Converter (ADC)
• LIN Physical Layer Interface
• Low Dropout Voltage Regulator
• Three high side Outputs
• Two Wake-Up Inputs
• 16 Microcontroller I/Os
• Pb-Free Packaging Designated by Suffix Code EW
Figure 1. 908E624 Simplified Application Diagram
HIGH SIDE SWITCH
908E624
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MM908E624ACDWB/R2
-40°C to 85°C
54 SOICW
*MM908E624ACEW/R2
*MM908E624AYEW/R2
-40°C to 125°C
Notes* Recommended for new designs
DWB SUFFIX
EW (Pb-FREE) SUFFIX
98ASA99294D
54-TERMINAL SOICW
M
PTD1/TACH1
PTA0-4
PWMIN
PTD0/TACH0
PTE1/RXD
RXD
GND
EVSS
VSSA
VREFL
VDD
EVDD
VDDA
VREFH
LIN
HS3
L1
L2
HS1
HS2
+E
OUT
-E
WDCONF
VSUP1
VSUP2
VBAT
LIN
Interface
Microcontroller
Ports
To Microcontroller A/D Channel
+5.0 V
VCC
AGND
PTB1; 3-7
PTC2-4
908E624
RST
RST_A
IRQ
IRQ_A


Similar Part No. - MM908E624ACEW/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E624ACEW/R2 FREESCALE-MM908E624ACEW/R2 Datasheet
576Kb / 40P
Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
More results

Similar Description - MM908E624ACEW/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com