Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E624ACEW/R2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MM908E624ACEW/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
908E624
TERMINAL CONNECTIONS
MCU
43
48
VREFL
VREFH
ADC References
These terminals are the reference voltage terminals for the analog-to-
digital converter (ADC).
MCU
44
47
VSSA
VDDA
ADC Supply
Terminals
These terminals are the power supply terminals for the analog-to-digital
converter.
MCU
45
46
EVSS
EVDD
MCU Power Supply
Terminals
These terminals are the ground and power supply terminals,
respectively. The MCU operates from a single-power supply.
MCU
49
50
52
53
54
PTA4/KBD4
PTA3/KBD3
PTA2/KBD2
PTA1/KBD1
PTA0/KBD0
Port A I/Os
These terminals are special-function, bidirectional I/O port terminals
that are shared with other functional modules in the MCU.
MCU
51
FLSVPP
Test Terminal
For test purposes only. Do not connect in the application.
Analog
17
PWMIN
Direct High Side
Control Input
This terminal allows the enabling and PWM control of the high side HS1
and HS2 terminals.
Analog
18
RST_A
Internal Reset Output This terminal is the reset output terminal of the analog die.
Analog
19
IRQ_A
Internal Interrupt
Output
This terminal is the interrupt output terminal of the analog die indicating
errors or wake-up events.
Analog
23
24
L1
L2
Wake-Up Inputs
These terminals are the wake-up inputs of the analog chip.
Analog
25
26
27
HS3
HS2
HS1
High Side Output
These output terminals are low RDS(ON) high side switches.
Analog
31
28
VSUP1
VSUP2
Power Supply
Terminals
These terminals are device power supply terminals.
Analog
29
LIN
LIN Bus
This terminal represents the single-wire bus transmitter and receiver.
Analog
30
34
GND
AGND
Power Ground
Terminals
These terminals are device power ground connections.
Analog
33
VDD
Voltage Regulator
Output
The +5.0 V voltage regulator output terminal is intended to supply the
embedded microcontroller.
Analog
35
VCC
Amplifier Power
Supply
This terminal is the single +5.0 V power supply for the current sense
operational amplifier.
Analog
36
OUT
Amplifier Output
This terminal is the output of the current sense operational amplifier.
Analog
37
38
-E
+E
Amplifier Inputs
These terminals are the current sense operational amplifier inverted
and non-inverted inputs.
Analog
39
WDCONF
Window
Watchdog
Configuration
Terminal
This input terminal is for configuration of the watchdog period and
allows the disabling of the watchdog.
Analog
40
RXD
LIN Transceiver
Output
This terminal is the output of LIN transceiver.
Table 1. Terminal Definitions (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18.
Die
Terminal
Terminal Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com