Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7269G Datasheet HTML 1Page - Infineon Technologies AG TLE7269G Datasheet HTML 2Page - Infineon Technologies AG TLE7269G Datasheet HTML 3Page - Infineon Technologies AG TLE7269G Datasheet HTML 4Page - Infineon Technologies AG TLE7269G Datasheet HTML 5Page - Infineon Technologies AG TLE7269G Datasheet HTML 6Page - Infineon Technologies AG TLE7269G Datasheet HTML 7Page - Infineon Technologies AG TLE7269G Datasheet HTML 8Page - Infineon Technologies AG TLE7269G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
5
Rev. 1.2, 2007-11-13
TLE7269G
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration (top view)
Note: The pin configuration of the TLE7269G is pin compatible to the devices TLE7259G and TLE7259-2GE/GU.
In comparison to the TLE7259G and the TLE 7259-2GE/GU, no pull up resistors on the RxD pins are
required for the TLE7269G. Details can be found inside the “Pin Compatibility to the Single LIN
Transceivers” on Page 28.
3.2
Pin Definitions and Functions
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
RxD1
Receive data output 1;
LOW in dominant state, active LOW after a Wake-Up event at BUS1 or WK pin
2EN
Enable input;
integrated pull-down, device set to normal operation mode when HIGH
3WK
Wake input;
active LOW, negative edge triggered, internal pull-up
4TxD1
Transmit data input 1;
integrated pull-down, LOW in dominant state; active LOW after Wake-Up via WK pin
5TxD2
Transmit data input 2;
integrated pull-down, LOW in dominant state
6VIO
Logic Voltage supply input;
3.3V or 5V supply for the RxD and TxD pins
7
RxD2
Receive data output 2;
LOW in dominant state, active LOW after a Wake-Up event at BUS2
RxD1
1
2
3
4
5
6
78
EN
WK
TxD1
INH1
V
S
BUS1
GND
TxD2
V
IO
RxD2
BUS2
W2O
INH2
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com