Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 16Page - Infineon Technologies AG TLE7269G Datasheet HTML 17Page - Infineon Technologies AG TLE7269G Datasheet HTML 18Page - Infineon Technologies AG TLE7269G Datasheet HTML 19Page - Infineon Technologies AG TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG TLE7269G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TLE7269G
General Product Characteristics
Data Sheet
20
Rev. 1.2, 2007-11-13
5.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
5.3
Thermal Characteristics
Table 5
Operating Range
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Supply voltages
5.2.1
Supply Voltage Range for
Normal Operation
V
S(nor)
7
–
27
V
LIN Spec 2.1 Param. 10
5.2.2
Extended Supply Voltage
range for operation
V
S(ext)
5
–
40
V
Parameter deviations
possible
5.2.3
Supply voltage
V
IO
V
IO
3–5.5
V
–
Thermal parameters
5.2.4
Junction temperature
T
j
-40
–
150
°C
1)
1) Not subject to production test, specified by design
Table 6
Thermal Characteristics1)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Thermal Resistance
5.3.5
Junction to Soldering
Point
RthJSP
–
–
25
K/W
measured to pin 11
5.3.6
Junction to Ambient
RthJA
–130
–K/W
2)
2) JESD 51-2, 51-3, FRA4 76,2 mm x 114,3 mm x 1,5 mm, 70
µm Cu, minimal footprint, Ta = 27°C
Thermal Shutdown Junction Temperature
5.3.7
Thermal shutdown temp. TjSD
150
170
190
°C–
5.3.8
Thermal shutdown hyst.
∆T
–10
–
K
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com