Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 2Page - Infineon Technologies AG TLE7269G Datasheet HTML 3Page - Infineon Technologies AG TLE7269G Datasheet HTML 4Page - Infineon Technologies AG TLE7269G Datasheet HTML 5Page - Infineon Technologies AG TLE7269G Datasheet HTML 6Page - Infineon Technologies AG TLE7269G Datasheet HTML 7Page - Infineon Technologies AG TLE7269G Datasheet HTML 8Page - Infineon Technologies AG TLE7269G Datasheet HTML 9Page - Infineon Technologies AG TLE7269G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TLE7269G
Pin Configuration
Data Sheet
6
Rev. 1.2, 2007-11-13
8
INH2
Inhibit output 2;
battery supply related output
HIGH (
V
S) in Normal and Stand-By operation mode
can be used to control an external voltage regulator
can be used to control external bus termination resistor when the device will be used
as Master node
9W2O
Wake BUS 2 OFF;
switch off Wake-Up feature on BUS 2; active HIGH,
integrated pull-down
10
BUS 2
Bus 2 input / output;
LIN bus line input/output
LOW in dominant state
Internal termination and pull-up current source
11
GND
Ground
12
BUS 1
Bus 1 input / output;
LIN bus line input/output
LOW in dominant state
Internal termination and pull-up current source
13
VS
Battery supply input
14
INH1
Inhibit output 1;
battery supply related output
HIGH (
V
S) in Normal and Stand-By operation mode
can be used to control an external voltage regulator
can be used to control external bus termination resistor when the device will be used
as Master node
Table 1
Pin Definitions and Functions (cont’d)
Pin No.
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com