Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 14Page - Infineon Technologies AG TLE7269G Datasheet HTML 15Page - Infineon Technologies AG TLE7269G Datasheet HTML 16Page - Infineon Technologies AG TLE7269G Datasheet HTML 17Page - Infineon Technologies AG TLE7269G Datasheet HTML 18Page - Infineon Technologies AG TLE7269G Datasheet HTML 19Page - Infineon Technologies AG TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLE7269G
Functional Description
Data Sheet
18
Rev. 1.2, 2007-11-13
4.12
Over Temperature protection
The TLE7269G has one integrated over temperature sensor to protect the device against thermal overstress on
the output stage 1 and output stage 2. In case of an over temperature event, the temperature sensor will disable
both output stages (see Figure 1). An over temperature event will not cause any mode change nor will it be
signaled by either the RxD pins or the TxD pins. When the junction temperature falls below the thermal shut down
level
T
J < TjSD, the output stages are re-enabled and data communication can start again on BUS1 and BUS2. A
10°C hysteresis avoids toggling during the temperature shut down.
4.13
3.3 V and 5 V Logic Capability
The TLE7269G can be used for 3.3 V and 5 V microcontrollers. The inputs and the outputs are capable to operate
with both voltage levels. The logic level is defined by suppling 3.3V or 5V to the
V
IO. The inputs (TxD1, TxD2) take
the reference voltage from the
V
IO pin. The RxD1 output and RxD2 output are push-pull outputs, they work on the
voltage given by
V
IO pin. No external pull-up resistors are required.
The pin EN works without the voltage on the microcontroller supply
V
IO. The TLE7269G can be set from Sleep
mode to Normal Operation mode by setting EN to “High”, without supplying
V
IO.
4.14
BUS Short to GND Feature
The TLE7269G has a feature implemented to protect the battery from running out of charge in the case of BUS
short to GND failure.
In this failure case a normal master termination, a 1 k
Ω resistor and diode between the LIN bus and the power
supply VS, would cause a constantly drawn current even in sleep mode. The resulting resistance of this short to
GND is in the range 1 k
Ω. To avoid this current during a generator off state, like in a parked car, the TLE7269G
has a bus short to GND feature implemented, which is activated in Sleep mode.
This feature is only applicable, if the master termination of BUS1 is connected to INH1 pin and the master
termination of BUS2 is connected to INH2 pin, instead of being connected to the power supply VS (see Figure 17
and Figure 18). Internally, the 30 k
Ω path is also switched off from the power supply V
S (see Figure 1).
A separate Master Termination Switch is implemented at pins BUS1 and BUS2, to avoid a voltage drop on the
recessive level of LIN bus, in case of a dominant level or a short to ground on at the LIN bus.
4.15
LIN Specifications 1.2, 1.3, 2.0 and 2.1
The device fulfills the Physical Layer Specification of LIN 1.2, 1.3, 2.0 and 2.1.
The differences between LIN specification 1.2 and 1.3 is mainly the physical layer specification. The reason was
to improve the compatibility between the nodes.
The LIN specification 2.0 is a super set of the 1.3 version. The 2.0 version offers new features. However, it is
possible to use the LIN 1.3 slave node in a 2.0 node cluster, as long as the new features are not used. Vice versa
it is possible to use a LIN 2.0 node in the 1.3 cluster without using the new features.
In terms of the physical layer the LIN 2.1 Specification doesn’t include any changes and is fully compliant to the
LIN Specification 2.0.
LIN 2.1 is the latest version of the LIN specification, released in December 2006.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com