Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 4Page - Infineon Technologies AG TLE7269G Datasheet HTML 5Page - Infineon Technologies AG TLE7269G Datasheet HTML 6Page - Infineon Technologies AG TLE7269G Datasheet HTML 7Page - Infineon Technologies AG TLE7269G Datasheet HTML 8Page - Infineon Technologies AG TLE7269G Datasheet HTML 9Page - Infineon Technologies AG TLE7269G Datasheet HTML 10Page - Infineon Technologies AG TLE7269G Datasheet HTML 11Page - Infineon Technologies AG TLE7269G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLE7269G
Functional Description
Data Sheet
8
Rev. 1.2, 2007-11-13
4.1
Operating Modes
Figure 4
Operation Mode State Diagram
Status TxD1?
HIGH
LOW
Stand-By Mode
Low Slope Mode
(Transceiver 1 &
Transceiver 2)
Sleep Mode
INH1/INH2 = Float
EN = LOW
RxD1/RxD2 = Float
Status W2O ?
INH1, INH2 = HIGH
TxD1 (see Note 1)
RxD1, RxD2 (see Note 2)
Note 1:
TxD1:
Strong Pull Down > 1.5 mA
after Wake-Up via pin WK
TxD1:
Weak Pull Down 350 k
Ω
after Power-Up and
Wake-Up via BUS1 or BUS2
INH1 = HIGH
INH2 = HIGH
EN = HIGH
Flash Mode
(Transceiver 1 &
Transceiver 2)
INH1 = High
INH2 = High
EN = High
Normal Operation Mode
Note 2:
RxD1:
logical „High“
after Power-Up
RxD1:
logical „Low“
after Wake-Up via BUS1 or BUS2
or after Wake-Up via pin WK
RxD2:
logical „Low“
after Wake-Up via BUS2
Start-Up
Power-Up
EN
EN
TxD1
EN High
Normal Slope Mode
(Transceiver 1 &
Transceiver 2)
INH1 = HIGH
INH2 = HIGH
EN = HIGH
TxD1
EN
TxD1
EN
EN
EN
EN
HIGH
LOW
Bus Wake-Up
feature on BUS2
turned off!
Sleep Mode
INH1/INH2 = Float
EN = LOW
RxD1/RxD2 = Float
EN Low
EN
EN
Wake-Up
via
on pin Wk
via
on pin BUS1 or BUS2
Wake-Up
via
on pin Wk
via
on pin BUS1 only !
TxD1
EN High
EN Low
Go To Normal
Operation Mode
Go To
Sleep Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com