Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 15Page - Infineon Technologies AG TLE7269G Datasheet HTML 16Page - Infineon Technologies AG TLE7269G Datasheet HTML 17Page - Infineon Technologies AG TLE7269G Datasheet HTML 18Page - Infineon Technologies AG TLE7269G Datasheet HTML 19Page - Infineon Technologies AG TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
19
Rev. 1.2, 2007-11-13
TLE7269G
General Product Characteristics
5
General Product Characteristics
5.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 4
Absolute Maximum Ratings1)
All voltages with respect to ground; positive current flowing into pin;
(unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
5.1.1
Battery supply voltage
V
S
-0.3
40
V
LIN Spec 2.1 Param. 10
5.1.2
Logic supply voltage
VIO
-0.3
5.5
V
–
5.1.3
Bus and WK input voltage
versus GND
versus VS
VBUS,G
VBUS,Vs
-40
-40
40
40
V
V
–
5.1.4
Logic voltages at EN, W2O,
TxD1, TxD2, RxD1, RxD2
Vlogic
-0.3
5.5
V
–
5.1.5
INH1, INH2 voltage
versus GND
versus VS
VINH,G
VINH,Vs
-0.3
-40
40
0.3
V
V
–
Currents
5.1.6
Output current at INH1,
INH2
IINH
-150
80
mA
2)
2) Output current is internally limited to -150 mA
Temperatures
5.1.7
Junction temperature
Tj
-40
150
°C–
5.1.8
Storage temperature
Ts
-55
150
°C–
ESD Resistivity
5.1.9
Electrostatic discharge
voltage at VS, BUS1, BUS2,
WK versus GND
VESD
-6
6
kV
Human Body Model
(100pF via 1.5 k
Ω)3)
3) ESD susceptibility HBM according to EIA / JESD 22-A 114
5.1.10 Electrostatic discharge
voltage W2O versus
V
S
VESD
-1
1
kV
Human Body Model
(100pF via 1.5 k
Ω)3)
5.1.11 Electrostatic discharge
voltage all pins except W2O
versus
V
S
VESD
-2
2
kV
Human Body Model
(100pF via 1.5 k
Ω)3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com