Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG TLE7269G Datasheet HTML 24Page - Infineon Technologies AG TLE7269G Datasheet HTML 25Page - Infineon Technologies AG TLE7269G Datasheet HTML 26Page - Infineon Technologies AG TLE7269G Datasheet HTML 27Page - Infineon Technologies AG TLE7269G Datasheet HTML 28Page - Infineon Technologies AG TLE7269G Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
25
Rev. 1.2, 2007-11-13
TLE7269G
Electrical Characteristics
6.1.65 Duty cycle D1
(for worst case at 20 kBit/s)
D1
0.396
–
–
–
duty cycle 1 6)
THRec(max) = 0.744 × VS;
THDom(max) =0.581 × VS;
VS = 7.0 … 18 V;
tbit = 50 µs;
D1 = tbus_rec(min)/2 tbit;
LIN Spec 2.1 (Par. 27)
6.1.66 Duty cycle D2
(for worst case at 20 kBit/s)
D2
–
–
0.581
–
duty cycle 2 6)
THRec(min)= 0.422 × VS;
THDom(min)= 0.284 × VS
VS = 7.6 … 18 V;
tbit = 50 µs;
D2 = tbus_rec(max)/2 tbit;
LIN Spec 2.1 (Par. 28)
6.1.67 Duty cycle D3
(for worst case at 10.4 kBit/s)
Low Slope Mode
D3
0.417
–
–
–
duty cycle 3 6)
THRec(max) = 0.778 × VS;
THDom(max) =0.616 × VS
VS = 7.0 … 18 V;
tbit = 96µs;
D3 = tbus_rec(min)/2 tbit;
LIN Spec 2.1 (Par. 29)
6.1.68 Duty cycle D4
(for worst case at 10.4 kBit/s)
Low Slope Mode
D4
–
–
0.590
–
duty cycle 4 6)
THRec(min) = 0.389 × VS;
THDom(min) =0.251 × VS
VS = 7.6 … 18 V;
tbit = 96µs;
D4 = tbus_rec(max)/2 tbit;
LIN Spec 2.1 (Par. 30)
1) Not subject to production test, specified by design
2) Minimum limit specified by design
3) Maximum limit specified by design
4)
V
BUS_CNT =(Vth_dom -Vth rec)/2;
5)
V
HYS =VBUSrec - VBUSdom
6) Bus load concerning LIN Spec 2.1:
Load 1 = 1 nF / 1 k
Ω =
CBUS / RBUS
Load 2 = 6,8 nF / 660
Ω =
CBUS / RBUS
Load 3 = 10 nF / 500
Ω =
CBUS / RBUS
Table 7
Electrical Characteristics (cont’d)
7.0 V < VS < 27 V; RL = 500 Ω; Vio = 5V; -40 °C < Tj < 125 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com