Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG TLE7269G Datasheet HTML 24Page - Infineon Technologies AG TLE7269G Datasheet HTML 25Page - Infineon Technologies AG TLE7269G Datasheet HTML 26Page - Infineon Technologies AG TLE7269G Datasheet HTML 27Page - Infineon Technologies AG TLE7269G Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TLE7269G
Electrical Characteristics
Data Sheet
24
Rev. 1.2, 2007-11-13
6.1.52 Leakage current
IBUS_PAS_dom -1
–
–
mA
VS = 18 V; VBUS = 0 V;
LIN Spec 2.1 (Par. 13)
6.1.53 Leakage current
IBUS_PAS_rec ––
20
µA
VS = 8 V; VBUS = 18 V;
LIN Spec 2.1 (Par. 14)
6.1.54 Bus pull-up resistance
Rslave
20
30
47
k
Ω
Normal mode
LIN Spec 2.1 (Par. 26)
6.1.55 LIN output current
IBUS
-60
-30
-5
µA
Sleep mode
V
S = 13.5 V; VEN = 0 V
6.1.56 Input Capacitance
Ci BUS
–15
–
pF
1)
Dynamic Transceiver Characteristics: BUS1, BUS2
6.1.57 Propagation delay
LIN bus to RxD
Dominant to RxD Low
Recessive to RxD High
trx_pdf
trx_pdr
–
–
1
1
6
6
µs
µs
LIN Spec 2.1 (Par. 31)
Vio = 5 V;
CRxD = 20 pF
6.1.58 Receiver delay symmetry
trx_sym
-2
–
2
µs
LIN Spec 2.1 (Par. 32)
trx_sym = trx_pdf- trx_pdr;
Vio = 5 V;
CRxD = 20 pF
6.1.59 Delay time for mode Change tMODE
––
120
µs
1) See Figure 5, Figure 6
6.1.60 TxD1 Setup time for mode
selection
tTXD,SET
––
50
µs
1) See Figure 5, Figure 6
6.1.61 TxD dominant time out
ttimeout
612
20
ms
VTxD = 0 V
6.1.62 TxD dominant time out
recovery time
ttorec
––
15
µs
1)
6.1.63 EN toggling to enter the flash
mode
tfl1
25
35
50
µs
1) See Figure 7
6.1.64 TxD1 time for flash activation tfl2
tfl3
tfl4
5
10
10
–
–
–
–
–
–
µs
1) See Figure 7
Table 7
Electrical Characteristics (cont’d)
7.0 V < VS < 27 V; RL = 500 Ω; Vio = 5V; -40 °C < Tj < 125 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com