Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7269G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 18Page - Infineon Technologies AG TLE7269G Datasheet HTML 19Page - Infineon Technologies AG TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG TLE7269G Datasheet HTML 24Page - Infineon Technologies AG TLE7269G Datasheet HTML 25Page - Infineon Technologies AG TLE7269G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TLE7269G
Electrical Characteristics
Data Sheet
22
Rev. 1.2, 2007-11-13
Transmission Inputs: TxD1, TxD2
6.1.13 HIGH level input voltage
range
VTD,H
0.7
×
V
IO
–
V
IO
V
Recessive state
6.1.14 Input hysteresis
VTD,hys
–0.12
×
V
IO
–V
1)
6.1.15 LOW level input voltage range VTD,L
0
–
0.3
×
V
IO
V
Dominant state
6.1.16 Pull-down resistance
RTD
100
350
800
k
Ω
VTxD = Vio
6.1.17 Low level leakage current
ITD
–0
10
µA
VEN = 0 V;
VTxD = 0 V
6.1.18 Dominant current standby
mode after Wake-Up
ITD,L
1.5
3
10
mA
VTxD = 0.9 V; WK = 0 V;
VS = 13.5 V.
Only valid for TxD 1
6.1.19 Input capacitance
Ci
–
5
–
pF
1)
W2O Input
6.1.20 HIGH level input voltage
range
VW2O,H
0.7
×
V
IO
–
V
IO
V–
6.1.21 LOW level input voltage range VW2O,L
0
–
0.3
×
Vio
V–
6.1.22 Input hysteresis
VW2O,hys
–0.12
×
V
IO
–V
1)
6.1.23 Pull-down resistance
RW2O
15
35
60
k
Ω
–
6.1.24 Input Capacitance
Ci W2O
–5
–
pF
1)
Enable Input: EN
6.1.25 HIGH level input voltage
range
VEN,on
2–
VIO
V
Normal Operation Mode
6.1.26 LOW level input voltage range VEN,off
0
–
0.8
V
Sleep Mode or Stand-By
Mode
6.1.27 Input hysteresis
VEN,hys
300
mV
1)
6.1.28 Pull-down resistance
REN
15
30
60
k
Ω
–
6.1.29 Input capacitance
Ci EN
–5
–
pF
1)
Inhibit, Master Termination Outputs: INH1, INH2
6.1.30 Inhibit Ron resistance
RINH,on
22
36
50
Ω
IINH = -15 mA
6.1.31 Maximum INH output current IINH
-150
–
-40
mA
VINH = 0 V
6.1.32 Leakage current
IINH,lk
-5.0
–
5.0
µA
Sleep Mode;
VINH = 0 V
Table 7
Electrical Characteristics (cont’d)
7.0 V < VS < 27 V; RL = 500 Ω; Vio = 5V; -40 °C < Tj < 125 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com