Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1321 Datasheet HTML 1Page - Diodes Incorporated ZXLD1321 Datasheet HTML 2Page - Diodes Incorporated ZXLD1321 Datasheet HTML 3Page - Diodes Incorporated ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (Test conditions: VIN = 3V, TAMB= 25°C unless otherwise stated(a))
DC-DC converter supply parameters
NOTES:
(a) Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified from -40°C to
+125
°C are guaranteed by design, characterisation and process control.
(b) Between 1.2V and 2.2V the device will run in the Low Voltage Startup Mode (for details refer to section "Low Voltage Operation")
DC-DC converter input parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply voltage
Normal operation
2.0
12
V
VIN(Start)
Supply voltage for start-up(b)
Start-up mode
1.2
2.4
V
VUV-
Under-voltage detection threshold
Normal operation to start-up mode
VIN falling
1.8
V
VUV+
Under-voltage detection threshold
Start-up mode to normal operation
VIN rising
2.2
V
Iq
Quiescent current
Measured into VIN
ADJ pin floating.
(Excluding switch
base current).
1.5
mA
ISTBY
Standby current
Measured into VIN.
ADJ pin grounded
12
20
µA
VREF
Internal reference voltage
ADJ pin floating
2.0V<VIN<18V
480
500
520
mV
TCO(REF)
Internal reference temperature
coefficient.
50
ppm
/K
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSENSE
Peak switch current sense
voltage
Measured on ISENSE
pin CFB pin at 0V
45
55
65
mV
VSENSE
(SU)
Peak switch current sense
voltage in start-up mode
Measured on ISENSE
pin.
Start-up mode
VIN=1.2V
10.5
mV
ISENSE
Sense input current
Measured into
ISENSE with pin at
0V. CFB pin at 0V
-15
-7
-1
µA
CFB
Control loop compensation
capacitor
10
nF
VADJ
External dc control voltage
applied to ADJ pin to adjust
output current
DC brightness
control mode
50
500
mV
VADJ(th)
Switching threshold of ADJ
pin
Standby state to
normal operation
26
28
30
mV
TCO(VADJ)
Temperature coefficient of
VADJ(th)
+0.3
%/K
RADJ
Internal resistor between
VREF and ADJ
VADJ<500mV
100
k
Ω
VADJ(clmp) Clamp voltage on ADJ pin
100µA injected into
ADJ pin
575
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com