Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 2Page - Diodes Incorporated ZXLD1321 Datasheet HTML 3Page - Diodes Incorporated ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated ZXLD1321 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
DC-DC converter output parameters
Switching NPN transistor
NOTES:
(c) Measured under pulse conditions.
(d) This current is measured via the collectors and emitters of the switch with these connected to ground (0V)
(e) Measured under pulse conditions. Peak Current = Ic
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Toff(100)
Discharge pulse width
100% output current
0.7
1.2
1.7
µs
Toff(10)
Discharge pulse width
10% output current
4
8
12
µs
fLXmax
Maximum operating
frequency
600
KHz
fSU
Switching frequency in start-
up mode
VIN=1.2V
50
KHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISW
Average continuous switch
current(c)
2
A
IBON(max)
Maximum base current into
switch transistor from internal
drive circuit(d)
2V<VIN<18V
BIAS pin at 0V
30
50
70
mA
IBON
Base current into switch
transistor using external
resistor (RBASE) from BIAS pin
to ground
RBIAS = 1680Ω
10
mA
V(BR)CEO
Collector-Emitter breakdown
voltage
IC=10µA
20
V
VCE(sat)
Collector-Emitter saturation
voltage
IC=0.1A, IB=10mA
IC=2A, IB=50mA(e)
50
120
mV
mV
hFE
Static forward current transfer
ratio
IC=200mA, VCE=2V
IC=2A, VCE=2V
209
116
COBO
Output capacitance
VCB=10V,f=1MHz
64
pF
t(on)
Turn-on time
Ic=0 to IC=2A
VIN=10V
30
ns
t(off)
Turn-off time
IC=2A to Ic<100µA
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com