Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1321 Datasheet HTML 1Page - Diodes Incorporated ZXLD1321 Datasheet HTML 2Page - Diodes Incorporated ZXLD1321 Datasheet HTML 3Page - Diodes Incorporated ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
(Voltages relative to GND unless otherwise stated)
DC-DC converter
High-side current monitor
Switching NPN transistor
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the
absolute maximum ratings for extended periods may reduce device reliability.
Thermal resistance
Operating temperature (top)
-40 to 125
°C
Storage temperature (Tst)
-55 to 150
°C
Junction temperature (Tj)
-40 to 150
°C
Package power dissipation (Ptot)
DFN-14 with exposed pad: 4mmx3mm, 0.5mm Pitch
1.5W at Tamb = 70
°C
Supply voltage (VIN)
-0.3V to +12V
ADJ
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
CFB
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
ISENSE
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
TADJ
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
BIAS
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
Monitor supply voltage (M_VIN)
-0.3V to +18V
Continuous sense voltage
(M_VIN – M_LOAD)
-0.3V to +5V
Collector-Base voltage (VCBO)
18V
Collector-Emitter voltage (VCEO)
18V
Peak pulse current (ICM)
3A (Pulse width = 300µs. Duty cycle<=2%)
Continuous Collector current (IC)
2A
Junction to case (R JC)
Nominal value
DFN-14
26.3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com