Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 3Page - Diodes Incorporated ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated ZXLD1321 Datasheet HTML 10Page - Diodes Incorporated ZXLD1321 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
7
www.zetex.com
© Zetex Semiconductors plc 2008
High-side current monitor
Reference current monitor
LED thermal control circuit (TADJ) parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VM_VIN
Supply voltage
3
18
V
VMON
Sense voltage
=V(M_VIN) – V(M_LOAD)
0
100
200
mV
IM_LOAD
Input current
Measured into M_LOAD pin
0.08
1
µA
TCO
(MON)
Temperature coefficient
VMON=10mV
VMON=100mV
370
150
ppm/
K
BW
Bandwidth
VMON=10mV
VMON=100mV
350
2.5
KHz
MHz
Gm
Transconductance
Iout/ VMON
1
mA/V
Acc
Accuracy
RM = 0.1
Ω
VMON = 100mV
-3
3
%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VADJ
Adjust Voltage
0
500
mV
TCO
(MON)
Temperature Coefficient
VADJ=50mV
VADJ=500mV
160
200
ppm/
K
BW
Bandwidth
VADJ=50mV
VADJ=500mV
275
3
KHz
MHz
Gm
Transconductance
Iout/ VADJ
200
µA/V
Acc
Accuracy
VADJ=500mV
-3
3
%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTADJH
Upper threshold voltage
Onset of output current
reduction (VTADJ falling)
75
mV
VTADJL
Lower threshold voltage
Output current reduced to
<10% of set value
(VTADJ falling)
50
mV
Gm(TADJ)
Transconductance
Iout/ VTADJ
4
mA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com