Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1321 Datasheet HTML 1Page - Diodes Incorporated ZXLD1321 Datasheet HTML 2Page - Diodes Incorporated ZXLD1321 Datasheet HTML 3Page - Diodes Incorporated ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Issue 1 - January 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXLD1321
Boost mode DC-DC converter for LED driving with 1A
output and current control
Description
Note# : Using standard external components as specified under electrical characteristics. Efficiency is dependent upon
external component types and values. Higher efficiency is possible with alternative coils.
The
ZXLD1321
is
an
inductive
DC-DC
converter, with an internal switch, designed
for driving single or multiple LEDs in series up
to a total of 1A output current.
Applications cover commercial environments
with input voltages ranging from 1.2V to 12V.
The device employs a variable 'on' and 'off'
time control scheme with adjustable peak
switch current limiting and supports step-up
(Boost) mode and self-powering Bootstrap
operating modes, offering higher power
efficiency
and
lower
system
cost
than
conventional PFM circuitry.
The device includes the DC-DC converter, a
high-side current
monitor
and an
NPN
switching transistor to provide an integrated
solution offering small PCB size, competitive
cost/performance, high power efficiency of
DC-DC
conversion
and
maximum
LED
brightness/reliability. More importantly, it
retains design flexibility to add customer
specific features.
The
feedback
control
circuitry
inside
the
ZXLD1321 provides excellent load and current
regulation, resulting in very stable LED current
over the useful life of the battery and over the
full operating temperature range.
The LED current can be adjusted from 100%
down to 10% of the set value by applying a dc
voltage to the ADJ pin and down to 1% by
applying a PWM signal to the ADJ pin. An on-
chip LED protection circuit also allows output
current
to
be
reduced
linearly
above
a
predetermined threshold temperature using an
external thermistor at the TADJ pin.
External resistors set nominal average LED
current and coil peak current independently.
The device can be shut down by applying a
continuous low level dc voltage to the ADJ pin.
Features
•
1.2V to 12V Input voltage range
•
Up to 1A output current
•
Typical efficiency# >85%
•
Bootstrap operation enables input voltage
down to 1V
•
User-defined
thermal
control
of
LED
output current using external thermistor
•
High output current stability over input
voltage and temperature
•
12µA typical standby current
•
LED current adjustable from 100%
down to 2%
•
Adjustable soft-start
•
Drives up to 5 white LEDs in series
Applications
•
High power LED flashlights
•
LED back-up lighting
•
General LED lighting
•
Emergency lighting


Similar Part No. - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
Boost mode DC-DC converter for LED driving with 1A output and current control
ZXLD1321DCATC ZETEX-ZXLD1321DCATC Datasheet
470Kb / 20P
Boost mode DC-DC converter for LED driving with 1A output and current control
More results

Similar Description - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
Boost mode DC-DC converter for LED driving with 1A output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
Buck mode DC-DC converter for LED driving
JANUARY 2008
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
current mode boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com