Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 4Page - Diodes Incorporated ZXLD1321 Datasheet HTML 5Page - Diodes Incorporated ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated ZXLD1321 Datasheet HTML 10Page - Diodes Incorporated ZXLD1321 Datasheet HTML 11Page - Diodes Incorporated ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
8
www.zetex.com
© Zetex Semiconductors plc 2008
Output current regulation parameters
NOTES:
(f) System parameter only. This value is dependent upon external components and circuit configuration.
(g) This refers to the accuracy of output current regulation under normal operation when the feedback loop incorporating
the current monitor is active. The tolerances of external components are not included in this figure.
Ordering information
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOUT
Minimum output/
LED current(f)
VIN>3V
2
A
IOUT
Output current accuracy(g)
3.0V<VIN<12V,
Iout=1A,
VADJ=100mV
-5
+5
%
TCO
I(OUT)
Output current
temperature drift
3.0V<VIN<12V,
Iout=1A,
VADJ=100mV
100
200
ppm/
K
IOUT/
IOUT
Load current regulation
350mA<I(LED)<1A
2
%/A
IOUT/
VIN
Line voltage regulation of
output current
0.5
%/V
Eff
Efficiency(f)
350mA<I(LED)<1A
85
%
Device
Reel size
(mm)
Reel width
(mm)
Quantity
per reel
Device mark
ZXLD1321DCATC
33.02
12
3,000
1321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com