Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated ZXLD1321 Datasheet HTML 10Page - Diodes Incorporated ZXLD1321 Datasheet HTML 11Page - Diodes Incorporated ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated ZXLD1321 Datasheet HTML 13Page - Diodes Incorporated ZXLD1321 Datasheet HTML 14Page - Diodes Incorporated ZXLD1321 Datasheet HTML 15Page - Diodes Incorporated ZXLD1321 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
12
www.zetex.com
© Zetex Semiconductors plc 2008
Fig 1
PWM control
A wider dimming range can be achieved by applying a PWM control signal to the ADJ pin to turn
the device on and off, giving an average output current proportional to the duty cycle of the
control signal. The ADJ pin can be driven directly from the open drain NMOS output of a
microcontroller, or indirectly with a low saturation voltage NPN transistor such as the Zetex
ZXTN25015DFH. (Fig 2).
Fig 2
In the circuit of Fig 4, the average LED output current will be
Where duty cycle
A PWM frequency of 200Hz, or lower is recommended, to minimize errors due to the rise and fall
times of the converter output.
ZXLD1321
ADJ
ZXTN25015DFH
D
nom
I
avg
I
LED
LED
*
)
(
)
(
=
)
2
1
(
2
T
T
T
D
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com