Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated ZXLD1321 Datasheet HTML 13Page - Diodes Incorporated ZXLD1321 Datasheet HTML 14Page - Diodes Incorporated ZXLD1321 Datasheet HTML 15Page - Diodes Incorporated ZXLD1321 Datasheet HTML 16Page - Diodes Incorporated ZXLD1321 Datasheet HTML 17Page - Diodes Incorporated ZXLD1321 Datasheet HTML 18Page - Diodes Incorporated ZXLD1321 Datasheet HTML 19Page - Diodes Incorporated ZXLD1321 Datasheet HTML 20Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
19
www.zetex.com
© Zetex Semiconductors plc 2008
Package outline - DFN14 (4x3x0.75)
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.0276
0.0315
0.70
0.80
D2
0.1240
0.1279
3.15
3.25
A1
0.00
0.002
0.00
0.05
e
0.0197 BSC
0.50 BSC
A3
0.008 REF.
0.203 REF.
E
0.1161
0.1201
2.95
3.05
b
0.0079
0.0118
0.20
0.30
E2
0.0650
0.0689
1.65
1.75
D
0.1555
0.1594
3.95
4.05
L
0.0138
0.0177
0.35
0.45
E
A
A1
A3
L
E2
60.3938
PIN 1 DOT
BY MARKING
CHAMFER 0.300 X 45°
PIN #1 IDENTIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com