Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated ZXLD1321 Datasheet HTML 13Page - Diodes Incorporated ZXLD1321 Datasheet HTML 14Page - Diodes Incorporated ZXLD1321 Datasheet HTML 15Page - Diodes Incorporated ZXLD1321 Datasheet HTML 16Page - Diodes Incorporated ZXLD1321 Datasheet HTML 17Page - Diodes Incorporated ZXLD1321 Datasheet HTML 18Page - Diodes Incorporated ZXLD1321 Datasheet HTML 19Page - Diodes Incorporated ZXLD1321 Datasheet HTML 20Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
17
www.zetex.com
© Zetex Semiconductors plc 2008
The LED current is sensed by R3 and the controller varies this until the drop in R3 equals 20% of
VADJ. Hence making R3 = 100m
Ω and VADJ = 500mV gives a LED current of 1 Amp because the
500mV VADJ results in 100mV across R3 which equals 1 Amp. Making VADJ = 10mV gives a LED
current of 100mA because the 50mV VADJ results in 10mV drop across R3 which equals 100mA.
The power is controlled by the chip backing off the peak coil current, so it is necessary to calculate
the coil inductance and current to guarantee slightly more than 100% LED power, so the circuit
can control it effectively. The internal control loop is compensated by C1, which is normally 10nF.
Note that in Bootstrap mode, the input current will be 2 or 3 times larger than the LED current and
the duty cycle will be such that TON is larger than TOFF, due to the fact that the supply voltage
charging the coil is low. Because of this, large LED currents can not be programmed at very low
supply voltages, as the transistor current would need to exceed 2 Amps.
If the thermistor (R5) is used, the power will be backed off progressively as the TADJ pin goes low.
With the TADJ pin above 75mV, power is 100% and this is reduced to zero when the TADJ pin
reaches 50mV. Making R4 = 5k
Ω and using a 103KT1608 thermistor, the thermistor will reach
869
Ω at 105°C giving TADJ = 74mV which will start to reduce the LED power above 105°C. By
125°C the thermistor will reach 547
Ω giving TADJ = 50mV which gives zero power. This will
protect the LED from damage. These temperature values can be set by the customer by using a
different thermistor or a different value of R4. If protection is not required, leaving the TADJ pin
open circuit will make it float to a high voltage and always give 100% power.
Reference
Part No
Value
Manufacturer
Contact Details
U1
ZXLD1321
LED Driver
Zetex
www.zetex.com
D1
ZXCS2000
Schottky diode
Zetex
L1
MSS7341-103ML
10µH 2A
Coilcraft
www.coilcraft.co
m
L1
NPIS64D100MTRF
10µH 2A
NIC
www.niccomp
L1
744 777910
10µH 2A
Wurth
www.wurth.co.uk
C1
Generic
10nF 10V
Generic
C2
GRM31CR71H475K
4.7µF 50V
Murata 1206
www.murata.com
C3
GRM31MR71E225K
2.2µF 25V
Murata 1206
www.murata.com
R1
Generic
25m
Ω
Generic 0805
R2
Generic
Generic 0603
R3
Generic
100m
Ω
Generic 0805
R4
Generic
5.1k
Ω
Generic 0603
R5
Thermistor NTC
10k
103kt1608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com