Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
No. 6866-8/24
LC75421M
Continued from preceding page.
D16
D17
D18
D19
D20
D21
D22
D23
Operation
1
0
0
0
0
0
1
0
–51dB
0
0
1
1
1
1
0
0
–52dB
1
1
0
1
1
1
0
0
–53dB
0
1
0
1
1
1
0
0
–54dB
1
0
0
1
1
1
0
0
–55dB
0
0
1
0
1
1
0
0
–56dB
1
1
0
0
1
1
0
0
–57dB
0
1
0
0
1
1
0
0
–58dB
1
0
0
0
1
1
0
0
–59dB
0
0
1
1
0
1
0
0
–60dB
1
1
0
1
0
1
0
0
–61dB
0
1
0
1
0
1
0
0
–62dB
1
0
0
1
0
1
0
0
–63dB
0
0
1
0
0
1
0
0
–64dB
1
1
0
0
0
1
0
0
–65dB
0
1
0
0
0
1
0
0
–66dB
1
0
0
0
0
1
0
0
–67dB
0
0
1
1
1
0
0
0
–68dB
1
1
0
1
1
0
0
0
–69dB
0
1
0
1
1
0
0
0
–70dB
1
0
0
1
1
0
0
0
–71dB
0
0
1
0
1
0
0
0
–72dB
1
1
0
0
1
0
0
0
–73dB
0
1
0
0
1
0
0
0
–74dB
1
0
0
0
1
0
0
0
–75dB
0
0
1
1
0
0
0
0
–76dB
1
1
0
1
0
0
0
0
–77dB
0
1
0
1
0
0
0
0
–78dB
1
0
0
1
0
0
0
0
–79dB
0
0
0
0
0
0
0
0
–
∞dB
Input Switch Control (L1, L2, L3, L4, L5, R1, R2, R3, R4, R5)
D28
D29
D32
Operation
0
0
1
L1 (R1) ON
1
0
1
L2 (R2) ON
0
1
1
L3 (R3) ON
1
1
1
L4 (R4) ON
0
0
0
L5 (R5) ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com