Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75421 Datasheet HTML 1Page - Sanyo Semicon Device LC75421 Datasheet HTML 2Page - Sanyo Semicon Device LC75421 Datasheet HTML 3Page - Sanyo Semicon Device LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ordering number : ENN6866A
90503TN (OT) / 20901RM (OT) No. 6866-1/24
Overview
The LC75421M is an electronic volume controller that
enables control of volume, balance, fader, bass/treble +
super bass, input switching, and input and output level
control functions using only a small number of external
components.
Functions
• Volume: 0 dB to –79 dB in 1-dB steps, and –
∞ (81 positions)
Balance function with separate L/R control
• Fader: rear output or front output can be attenuated
across 16 positions (in 2-dB steps from 0 dB to -
20 dB, 5-dB steps from –20 dB to –25 dB, 10-dB
steps from –25 dB to –45 dB, and –60 dB, –
∞)
• Bass/treble: A tone control circuit can be configured
using an external RC, with 15-position
control from 0 dB to ±11.9 dB in 1.7-dB
steps possible for both bass and treble
• Input gain: 0 dB to +18.75 dB (1.25-dB steps)
amplification is possible for the input signal.
• Output gain: Fader output can be selected among 0 dB,
+6.5 dB, and +8.5 dB.
• Input switching: Five input signals can be selected for
Left and for Right
• Super bass: Step control with 11 positions is possible,
with peaking characteristics (type T)
Features
• On-chip buffer amplifier cuts down number of external
components
• Low switching noise generated by on-chip switch due to
use of silicon gate CMOS process
• On-chip reference voltage circuit for analog ground
• Controls performed with serial input (CCB)
Package Dimensions
unit: mm
3263-MFP36SDJ (375 mil)
1
18
36
19
0.8
15.2
0.3
0.25
(0.8)
SANYO: MFP36SDJ (375 mil)
[LC75421M]
LC75421M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Electronic Volume Controller for Cars
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC75421

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75410W SANYO-LC75410W Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
Electronic Volume Controller for Car Audio Systems
LC75411WS SANYO-LC75411WS Datasheet
891Kb / 33P
Electronic Volume Controller for Car Audio Systems
LC75412 SANYO-LC75412 Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
More results

Similar Description - LC75421

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
logo
Silan Microelectronics ...
SC9153A SILAN-SC9153A Datasheet
173Kb / 9P
ELECTRONIC VOLUME CONTROLLER
logo
SamHop Microelectronics...
SM7153 SAMHOP-SM7153 Datasheet
70Kb / 9P
ELECTRONIC VOLUME CONTROLLER
logo
List of Unclassifed Man...
TC9185P ETC1-TC9185P Datasheet
1Mb / 18P
ELECTRONIC VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com