Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 3Page - Sanyo Semicon Device LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
No. 6866-7/24
LC75421M
Volume Control
D16
D17
D18
D19
D20
D21
D22
D23
Operation
0
0
1
0
0
1
0
1
0dB
1
1
0
0
0
1
0
1
–1dB
0
1
0
0
0
1
0
1
–2dB
1
0
0
0
0
1
0
1
–3dB
0
0
1
1
1
0
0
1
–4dB
1
1
0
1
1
0
0
1
–5dB
0
1
0
1
1
0
0
1
–6dB
1
0
0
1
1
0
0
1
–7dB
0
0
1
0
1
0
0
1
–8dB
1
1
0
0
1
0
0
1
–9dB
0
1
0
0
1
0
0
1
–10dB
1
0
0
0
1
0
0
1
–11dB
0
0
1
1
0
0
0
1
–12dB
1
1
0
1
0
0
0
1
–13dB
0
1
0
1
0
0
0
1
–14dB
1
0
0
1
0
0
0
1
–15dB
0
0
1
0
0
0
0
1
–16dB
1
1
0
0
0
0
0
1
–17dB
0
1
0
0
0
0
0
1
–18dB
1
0
0
0
0
0
0
1
–19dB
0
0
1
1
1
1
1
0
–20dB
1
1
0
1
1
1
1
0
–21dB
0
1
0
1
1
1
1
0
–22dB
1
0
0
1
1
1
1
0
–23dB
0
0
1
0
1
1
1
0
–24dB
1
1
0
0
1
1
1
0
–25dB
0
1
0
0
1
1
1
0
–26dB
1
0
0
0
1
1
1
0
–27dB
0
0
1
1
0
1
1
0
–28dB
1
1
0
1
0
1
1
0
–29dB
0
1
0
1
0
1
1
0
–30dB
1
0
0
1
0
1
1
0
–31dB
0
0
1
0
0
1
1
0
–32dB
1
1
0
0
0
1
1
0
–33dB
0
1
0
0
0
1
1
0
–34dB
1
0
0
0
0
1
1
0
–35dB
0
0
1
1
1
0
1
0
–36dB
1
1
0
1
1
0
1
0
–37dB
0
1
0
1
1
0
1
0
–38dB
1
0
0
1
1
0
1
0
–39dB
0
0
1
0
1
0
1
0
–40dB
1
1
0
0
1
0
1
0
–41dB
0
1
0
0
1
0
1
0
–42dB
1
0
0
0
1
0
1
0
–43dB
0
0
1
1
0
0
1
0
–44dB
1
1
0
1
0
0
1
0
–45dB
0
1
0
1
0
0
1
0
–46dB
1
0
0
1
0
0
1
0
–47dB
0
0
1
0
0
0
1
0
–48dB
1
1
0
0
0
0
1
0
–49dB
0
1
0
0
0
0
1
0
–50dB
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com