Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75421 Datasheet HTML 1Page - Sanyo Semicon Device LC75421 Datasheet HTML 2Page - Sanyo Semicon Device LC75421 Datasheet HTML 3Page - Sanyo Semicon Device LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
No. 6866-4/24
LC75421M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
CE, DI, CL
–0.3 to 11
V
Input pins other than CE, DI, CL
VSS – 0.3 to VDD + 0.3
Allowable power dissipation
Pdmax
Ta
≤ 85°C, when mounted on board
550
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
7.5
10
V
Input high-level voltage
VIH
CL, DI, CE
4.0
10
V
Input low-level voltage
VIL
CL, DI, CE
VSS
1.0
V
CL, DI, CE, LIN, RIN,
Input amplitude voltage
VIN
L1 to L5, R1 to R5,
VSS
VDD
Vp-p
LFIN, RFIN
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Maximum input gain
Ginmax
+18.75
dB
Step resolution
Gstep
+1.25
dB
Input resistance
Rin
L1, L2, L3, L4, L5
50
k
Ω
R1, R2, R3, R4, R5
Clipping level
Vcl
LSELO, RSELO
THD = 1.0%, f = 1 kHz
2.90
Vrms
Output load resistance
RL
LSELO, RSELO
10
k
Ω
Electrical Characteristics at Ta = 25°C, VDD = 8 V, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rin
LIN, RIN
50
k
Ω
Volume Block
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
STEP = 0 dB to –20 dB
2
Step resolution
ATstep
STEP = –20 dB to –25 dB
5
dB
STEP = –25 dB to –45 dB
10
Step error
ATerr
STEP = 0 dB to –45 dB
–2
0
+2
dB
STEP = –45 dB to –60 dB
–3
0
+3
Output load resistance
RL
10
k
Ω
Output impedance
RO
LFOUT, LROUT
RL = 10 k
Ω, f = 1 kHz
46
Ω
RFOUT, RROUT
VIN = 1 Vrms
Fader Volume Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com