Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device LC75421 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Treble Band Circuit
The shelving characteristics can be obtained for the treble band.
The equivalent circuit and calculation formula during boost are indicated below.
• Calculation example 1
Specification Set frequency: f = 10000 Hz
Gain during maximum boost: G + 14 dB = 14 dB
Let us use R1 = 11.030 k
Ω and R2 = 45.054 kΩ.
The above constants are inserted in the following formula.
No. 6866-16/24
LC75421M
C
R1
R2
C
=
R2
)2 – R12
1
2
πf
10G/20 – 1
(
=
1
2
π10000
45054
5.01–1
≠ 6800(pF)
(
)2 – 110302
R2
R12
+ (1 / ωC)2
G
= 20 × LOG
10
1
+
Simulation Results
Setting
f = 10 kHz
f = 1 kHz
14 dB
13.95
7.42
12 dB
11.98
6.96
10 dB
10
6.34
8 dB
8
5.5
6 dB
6
4.43
4 dB
4
3.13
2 dB
2
1.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com