Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
No. 6866-13/24
LC75421M
Treble/Bass/Super Bass Band Block Equivalent Circuit Diagram
From
Volume
Block
Same for right channel
Unit: (Resistance:
Ω)
SW1
LTRE
Total = 56.084 k
LSB
During boost, SW1 and SW3 are ON, during cut, SW2 and SW4 are ON,
when 0 dB, 0 dB SW and SW2 and SW3 are ON.
Total = 66.6 k
SW2
SW3
SW4
SW1
LBASS1
LOUT
LBASS2
Total = 45.084 k
SW2
SW3
SW4
Same for right channel
Units: (Resistance:
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com