Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC75421 Datasheet HTML 1Page - Sanyo Semicon Device LC75421 Datasheet HTML 2Page - Sanyo Semicon Device LC75421 Datasheet HTML 3Page - Sanyo Semicon Device LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
No. 6866-5/24
LC75421M
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Control range
Gbass
MAX. Boost/Cut
±10
±11.9
±14
dB
Step resolution
Estep
1
1.7
3
dB
Internal feedback resistance
Rfeed
45.084
k
Ω
Bass Band Control Block
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Control range
Gtre
MAX. Boost/Cut
±10
±11.9
±14
dB
Step resolution
Estep
1
1.7
3
dB
Internal feedback resistance
Rfeed
56.084
k
Ω
Treble Band Control Block
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Control range
Crange
MAX. Boost
+20
dB
Step resolution
Estep
+2.0
dB
Internal feedback resistance
Rfeed
66.6
k
Ω
Super Bass Block (Type T)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion
THD
VIN = 1 Vrms, f = 1 kHz, flat overall
0.003
0.01
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, flat overall, Rg = 1 kΩ
80.5
dB
Maximum attenuated output
Vomin
VIN = 1 Vrms, f = 1 kHz, main volume –∞
–80
dB
Output noise voltage
VN-1
Fflat overall, (IHF-A), RG = 1 k
Ω
8
µV
VN-2
Flat overall, (DIN-AUDIO), RG = 1 k
Ω
10
µV
Input high-level current
IIH
CL, DI, CE VIN = 8 V
10
µA
Input low-level current
IIL
CL, DI, CE VIN = 0 V
–10
µA
General



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com